PART |
Description |
Maker |
ZVN4525G ZVN4525GTA ZVN4525GTC |
PNP 30CM DIFF W/ADJ RoHS Compliant: Yes 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 250V N-CHANNEL ENHANCEMENT MODE MOSFET 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-channel MOSFET
|
Zetex Semiconductor PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
MMFT107T1D MMFT107T3 MMFT107T1 MMFT107 MMFT107T1-D |
Power MOSFET 250 mA, 200 Volts N-Channel SOT-223 Power MOSFET 250 mA / 200 Volts Power MOSFET 250 mA, 200 Volts 250 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-261AA
|
ONSEMI[ON Semiconductor]
|
3404.2420.XX 3404.2417.XX 3404.2412.XX 3404.2413.X |
Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
|
Schurter Inc.
|
SU25B12TG SU80C12TG SU50C12TG SU50B12TG SU25A12TG |
ZENER DIODES TRANSISTOR | JFET | N-CHANNEL | 120V V(BR)DSS | CHIP Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极
|
Nihon Inter Electronics, Corp. Cornell Dubilier Electronics, Inc.
|
UMK250-16 3404.2464.11 |
Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
|
Schurter Inc.
|
2SK2099-01L 2SK2099-01S |
N-channel MOS-FET 6 A, 250 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
AD7682 EVAL-AD7689CBZ AD7699 AD7689ACPZRL7 |
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
|
Analog Devices
|
AD7682 |
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
|
Analog Devices
|
AD8174 AD8170-EB AD8174-EB AD8174AR AD8174AR-REEL |
2 Channel Buffered, 250MHz, 10 ns Multiplexer w/Amplier Dual Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C AD8170/AD817450兆赫10ns的开关多路复用器瓦特/放大器数据手册(版本00/96 Dual Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2 Channel Buffered, 250mHz, 0.1dB=85mHz, 1000V/usec, DIFF Phase/Gain .05/.02, 10nesc Switch, Iq=7.5mA, ±5V RAILS, Vout= ±3.8V, ... 250 MHz, 10 ns Switching Multiplexers w/Amplifier 250 MHz/ 10 ns Switching Multiplexers w/Amplifier 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial 4-CHANNEL, VIDEO MULTIPLEXER, PDSO14
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
IRFS244 |
N-Channel Power MOSFET50V.28Ω0.2AN沟道功率MOS场效应管(漏源电50V,导通电.28Ω,漏电流10.2A 10.2 A, 250 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
2SK4035-A 2SK4035 |
500 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET SWITCHING N-CHANNEL POWER MOSFET
|
NEC Corp.
|
|